Part Number Hot Search : 
LTC1264 2100A ADP671 580023 EC3A05 BF194 LAIC3B4U EUP34
Product Description
Full Text Search
 

To Download AP4501GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4501GM
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement
D2 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID
G2 S1 S2 G1
30V 28m 7A -30V 50m -5.3A
Low On-resistance Fast Switching Performance
D1
D1
P-CH BVDSS RDS(ON) ID
SO-8
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
D1
D2
The SO-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters.
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 30 20 7.0 5.8 20 2 0.016 -55 to 150 -55 to 150 P-channel -30 20 -5.3 -4.7 -20
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Maximum Thermal Resistance, Junction-ambient
3
Value 62.5
Unit /W
Data and specifications subject to change without notice
1
200805264
AP4501GM
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance
2
Test Conditions VGS=0V, ID=250uA VGS=10V, ID=7A VGS=4.5V, ID=5A
Min. 30 1 -
Typ. 6 8.4 1.4 4.7 5 8 18.5 9 485 80 75
Max. Units 28 42 3 1 25 100 13.5 770 V m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS(th) gfs IDSS
Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
Drain-Source Leakage Current (Tj=70 C)
o
VDS=VGS, ID=250uA VDS=10V, ID=6A VDS=30V, VGS=0V VDS=24V ,VGS=0V VGS=20V ID=6A VDS=24V VGS=4.5V VDS=20V ID=1A RG=3.3,VGS=10V RD=20 VGS=0V VDS=25V f=1.0MHz
IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=7A, VGS=0V IS=6A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 19 11
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
2
AP4501GM
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
Drain-Source Leakage Current (Tj=70 C)
o
Test Conditions VGS=0V, ID=-250uA
2
Min. -30 -1 -
Typ. 5 8 1.7 4.5 6.7 10 21 10 595 80 75
Max. Units 50 90 -3 -1 -25 100 13 950 V m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
VGS=-10V, ID=-5.3A VGS=-4.5V, ID=-4.2A VDS=VGS, ID=-250uA VDS=-10V, ID=-5A VDS=-30V, VGS=0V VDS=-24V, VGS=0V VGS=20V ID=-5A VDS=-15V VGS=-4.5V VDS=-15V ID=-1A RG=3.3,VGS=-10V RD=15 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-2.6A, VGS=0V IS=-5A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 18 11
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse test 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135 /W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
3
AP4501GM
N-Channel
40 40
T A =25
ID , Drain Current (A)
30
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V
T A =150
30
10V 7.0V 5.0V 4.5V
20
20
V G =3.0V
10
V G =3.0V
10
0 0 1 2 3 4
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
34
1.8
I D = 5A
30
I D =7A V G =10V Normalized R DS(ON)
T A = 25 o C
RDS(ON0 (m)
1.4
26
1.0 22
30
18
2 4 6 8 10
-30
0 50 100 150
0.6
-50
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.4
10
8
1.2
T j =150 o C IS(A)
6
T j =25 o C
Normalized VGS(th) (V)
1.4
1.0
4
0.8
2
0.6
0 0 0.2 0.4 0.6 0.8 1 1.2
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
4
AP4501GM
N-Channel
f=1.0MHz
12
1000
VGS , Gate to Source Voltage (V)
10
C iss
8
6
ID=6A V DS = 24 V
C (pF)
100
C oss C rss
4
2
0 0 3 6 9 12 15 18
10
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thja)
Duty factor=0.5
10
100us ID (A) 1ms
1
0.2
0.1
0.1
10ms 100ms
0.1
0.05
PDM
t
0.02 0.01
T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135 oC/W
T A =25 C Single Pulse
0.01 0.1 1 10
o
1s DC
100
30
0.01 0.0001
-30
Single Pulse
0.001
0.01
0.1
1
10
100
1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off) tf
Charge
Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
5
AP4501GM
P-Channel
40
40
T A =25 o C
-ID , Drain Current (A)
30
-ID , Drain Current (A)
- 10V - 7.0V - 5.0V - 4.5V
T A = 150 o C
- 10V - 7.0V - 5.0V - 4.5V
30
20
20
10
V G = - 3 .0V
10
V G = - 3 .0V
0 0 1 2 3 4 5 6
0 0 2 4 6 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
70
1.6
I D = -4.2 A T A =25 o C
1.4 60
I D = -5.3 A V G = - 10V Normalized R DS(ON)
RDS(ON) (m)
1.2
50
1.0
40 0.8
30
30
2 4 6 8 10
-30
0 50 100 150
0.6 -50
-V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.2
8
6
Normalized -VGS(th) (V)
1.4
1.0
-IS(A)
4
T j =150 o C
T j =25 o C
0.8
2
0
0.6
0
0.2
0.4
0.6
0.8
1
1.2
-50
0
50
100
150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
6
AP4501GM
P-Channel
f=1.0MHz
15 1000
C iss -VGS , Gate to Source Voltage (V)
12
C (pF)
9
I D = -5.3A V DS = -15V
100
C oss C rss
6
3
0
0.0 4.0 8.0 12.0 16.0 20.0
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (R thja)
Duty factor=0.5
10
0.2
-ID (A)
100us 1ms
1
0.1
0.1
10ms 100ms
0.1
0.05
PDM
t
0.02
T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135 oC/W
T A =25 o C Single Pulse
0.1 1 10
1s DC
30
0.01 0.0001
0.01
-30
Single Pulse
0.01 100
0.001
0.01
0.1
1
10
100
1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
7
ADVANCED POWER ELECTRONICS CORP.
Package Outline : SO-8
D
SYMBOLS
Millimeters
MIN NOM MAX
A 8 7 6 5 E1 1
E
1.35 0.10 0.33 0.19 4.80 3.80 5.80 0.38 0
1.55 0.18 0.41 0.22 4.90 3.90 6.15 0.71 4.00 1.27 TYP
1.75 0.25 0.51 0.25 5.00 4.00 6.50 1.27 8.00
A1 B C D E1 E L
2
3
4
e B
e
A
A1
DETAIL A
L
1.All Dimension Are In Millimeters. 2.Dimension Does Not Include Mold Protrusions.
c
DETAIL A
Part Marking Information & Packing : SO-8
Part Number
Package Code
meet Rohs requirement
4501GM
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence
8


▲Up To Search▲   

 
Price & Availability of AP4501GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X